PART |
Description |
Maker |
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
IRD3902 IRD3909 IRD3899 IRD3912 IRD3903 IRD3900 IR |
20 AND 30 AMP FAST RECOVERY RECTIFIER DIODES Hexfet? Power MOSFET 20 and 30 AMP Fast RECOVERY DIODES 20 AND 30 AMP FAST RECOVERY RECTIFIER DIODES 20日和30放大器快速恢复整流二极管
|
IRF[International Rectifier] International Rectifier, Corp. Vishay Intertechnology, Inc.
|
HDB105G HDB107G HDB101G HDB104G HDB106G HDB102G HD |
1.0A, 1000V ultra fast recovery rectifier 1.0A, 50V ultra fast recovery rectifier 1.0A, 800V ultra fast recovery rectifier 1.0A, 200V ultra fast recovery rectifier 1.0A, 400V ultra fast recovery rectifier 1.0A, 100V ultra fast recovery rectifier Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) IC-1W BTL MONO AUDIO AMP Analog IC Audio Power Amplifier IC; Speaker Channels:Stereo; Output Power, Po:22W; Load Impedance Min:4ohm; Supply Voltage Max:18V; Supply Voltage Min:9V; Package/Case:17-SIP; Amplifier Type:; Number of Amplifiers:2; Output Current:0.375A 1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts 1 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts 1 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
CR16UD-02FP CR16UD-04FP CR16UD-08FP |
ULTRA FAST RECOVERY RECTIFIERS DUAL COMMON CATHODE 16 AMP, 200 THRU 800 VOLTS Leaded Rectifier Ultra Fast
|
Central Semiconductor Corp.
|
LT1764ETPBF LT1764EFE-2.5TR LT1764EQPBF 1764EFE15 |
3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C 1.21 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TSSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PDSO16 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 1.21 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PSSO5 3A, Fast Transient Response, Low Noise,LDO Regulators 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
PR6001 PR6004 PR6007 PR6005 PR6002 PR6003 PR6006 |
(PR6001 - PR6007) 6 Amps Fast Recovery Rectifiers 6 AMP FAST RECOVERY RECTIFIER
|
ETC FUJI[Fuji Electric]
|
AD380JH AD380SH AD380LH AD380KH AD380 |
Wideband, Fast-Settling FET-Input OP Amp WIDEBAND FAST-SETTING FET-INPUT OP AMP WIDEBAND, FAST-SETTING FET-INPUT OP AMP WIDEBAND/ FAST-SETTING FET-INPUT OP AMP
|
AD[Analog Devices] Analog Devices, Inc.
|
PM7543FPC AD7543TQ/883B PM7543BRC/883 AD7543SE/883 |
12-Bit Digital-to-Analog Converter 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 125°C 12位数字到模拟转换
|
Omron Electronics LLC Industrial Automation
|
KH103 |
Fast Settling/ High Current Wideband Op Amp Fast Settling, High Current Wideband Op Amp From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
ER306 ER302 ER300 ER301 ER301A ER303 ER304 |
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts 3.0A, 150V ultra fast recovery rectifier 3.0A, 100V ultra fast recovery rectifier 3.0A, 50V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components]
|
DLFR107 DLFR106 |
1.0A, 800V ultra fast recovery rectifier 1 Amp Glass Passivated, Fast Recovery Rectifier 800 to 1000 Volts 1 Amp Glass Passivated/ Fast Recovery Rectifier 800 to 1000 Volts
|
MCC[Micro Commercial Components]
|